144 n-ch p-ch n-ch n-ch p-ch p-ch n-ch p-ch i d -v ds characteristics (typical) i d -v gs characteristics (typical) r ds(on) -i d characteristics (typical) r ds(on) -t c characteristics (typical) characteristic curves SMA5125 (t a =25 c) symbol unit v dss 60 C 60 v v gss 20 20 v i d 10 C 10 a i d(pulse) 15 (pw 1ms, duty 25%) C 15 (pw 1ms, duty 25%) a 4 (ta=25 c, with all circuits operating, without heatsink) w 30 (tc=25 c,with all circuits operating, with infinite heatsink) w j-a 31.25 (junction-air, ta=25 c, with all circuits operating) c/w j-c 4.166 (junction-case, tc=25 c, with all circuits operating) c/w tch 150 c tstg C 40 to +150 c p t ratings n channel p channel n-channel + p-channel 3-phase motor drive external dimensions b ??? sma absolute maximum ratings equivalent circuit diagram 0246810 v ds (v) 2 4 6 8 10 12 14 15 0 i d (a) 3.0v 3.3v 3.5v 10v 4.0v v gs =2.7v (t a =25 c) 01 3 25 i d (a) v gs (v) 2 4 6 8 10 12 14 15 0 4 (v ds =10v) t c =125 c 25 c C 40 c 0 0.04 0.08 0.12 0.16 0.20 0246 81012141 5 i d (a) r ds (on) ( ? ) t a =25 c v gs =4v C 40 0 50 0 100 150 0.04 0.08 0.12 0.16 0.20 t c ( c) r ds (on) ( ? ) i d =5a v gs =4v C 14 C 15 C 10 C 12 C 8 C 2 C 4 C 6 0 0 C 2 C 4 C 6 C 8 C 10 v ds (v) i d (a) v gs = C 2.7v C 3.0v C 3.3v C 3.5v C 4.0v C 1 0 v (t a =25 c) 0 C 2 C 4 C 6 C 8 C 10 C 12 C 14 C 15 0 C 1 C 3 C 2 C 5 i d (a) v gs (v) C 4 25 c C 40 c t c =40 c (v ds = C 10v) 0 0.04 0.08 0.12 0.16 0.20 0 C 2 C 4 C 6 C 8 C 10 C 12 C 14 C 15 i d (a) r ds (on) ( ? ) t a =25 c v gs = C 10v C 40 0 50 0 100 150 0.04 0.08 0.12 0.16 0.20 t c ( c) r ds (on) ( ? ) i d = C 5a v gs = C 10v 5 3 2 4 7 8 6 10 12 11 9 1
145 n-ch p-ch n-ch n-ch p-ch p-ch n-ch p-ch re (yfs) -i d characteristics (typical) safe operating area (soa) capacitance-v ds characteristics (typical) i dr -v sd characteristics (typical) p t -t a characteristics characteristic curves 0.0 0.5 1.0 1.5 i dr (a) v sd (v) 6 8 10 12 14 15 2 4 0 (t a =25 c) v gs =10v 4v 0v 0.1 0.1 0.05 1 10 1 10 20 i d (a) re (yfs) (s) 20 25 c t c =40 c 125 c (v ds =10v) 0 1020 304050 v ds (v) 1000 5000 capacitance (pf) 100 10 v gs =0v f=1mhz (t a =25 c) ciss coss crss single pulse t c =25 c 100 10 1 0.1 20 10 1 0.1 i d (a) v ds (v) r d s ( o n ) l im it e d 100 s 1ms 10ms 30 35 40 20 25 15 10 5 0 0 50 100 150 t a ( c) p t (w) without heatsink w ith in fin ite h e atsin k all circuits operating 0.0 C 0.5 C 1.0 C 1.5 i dr (a) v sd (v) C 6 C 8 C 10 C 12 C 14 C 15 C 2 0 C 4 (t a =25 c) v gs = C 10v C 4v 0 v 0.1 C 0.05 C 0.1 C 1 C 10 1 10 20 i d (a) re (yfs) (s) C 20 (v ds = C 10v) 25 c t c = C 40 c 125 c 0 C 10 C 20 C 30 C 40 C 50 v ds (v) 1000 5000 capacitance (pf) 100 10 v gs =0v f=1mhz (t a =25 c) ciss coss crss C 100 C 10 C 1 C 0.1 C 20 C 10 C 1 C 0.1 i d (a) v ds (v) r d s ( o n ) limited 100 s 1m s 10ms single pulse t c =25 c SMA5125 electrical characteristics (t a =25 c) n channel p channel symbol specification unit conditions specification unit conditions min typ max min typ max v (br)dss 60 v i d =100 a, v gs =0v C 60 v i d = C 100 a, v gs =0v i gss 10 av gs = 20v 10 av gs = 20v i dss 100 av ds =60v, v gs =0v C 100 av ds = C 60v, v gs =0v v th 1.0 2.0 v v ds =10v, i d =250 a C 1.0 C 2.0 v v ds = C 10v, i d = C 250 a re (yfs) 8.0 s v ds =10v, i d =5a 8.7 s v ds = C 10v, i d = C 5a r ds(on) 0.14 ? v gs =4v, i d =5a 0.14 ? v gs = C 10v, i d = C 5a ciss 460 pf v ds =10v, 1200 pf v ds = C 10v, coss 225 pf f=1.0mhz, 440 pf f=1.0mhz, crss 50 pf v gs =0v 120 pf v gs =0v td (on) 25 ns i d =5a, v dd 20v, 50 ns i d = C 5a, v dd C 20v, t r 110 ns r l =4 ? , v gs =5v, 170 ns r l =4 ? , v gs = C 5v, td (off) 90 ns r g =50 ? , 180 ns r g =50 ? , t f 55 ns see fig.3 on page 16. 100 ns see fig.4 on page 16. v sd 1.15 ns i sd =10a, v gs =0v C 1.25 v i sd = C 10a, v gs =0v t rr 75 v i sd =5a, di/dt=100a/ s 100 ns i sd = C 5a, di/dt=100a/ s
|